Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 57 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 350 Datasheet HTML 53Page - Intel Corporation 350 Datasheet HTML 54Page - Intel Corporation 350 Datasheet HTML 55Page - Intel Corporation 350 Datasheet HTML 56Page - Intel Corporation 350 Datasheet HTML 57Page - Intel Corporation 350 Datasheet HTML 58Page - Intel Corporation 350 Datasheet HTML 59Page - Intel Corporation 350 Datasheet HTML 60Page - Intel Corporation 350 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Datasheet
57
Pin Listing and Signal Descriptions
DRDY#
Input/
Output
DRDY# (Data Ready) is asserted by the data driver on each data transfer,
indicating valid data on the data bus. In a multi-common clock data transfer,
DRDY# may be de-asserted to insert idle clocks. This signal must connect the
appropriate pins of all processor FSB agents.
DSTBN[3:0]#
Input/
Output
Data strobe used to latch in D[63:0]#.
DSTBP[3:0]#
Input/
Output
Data strobe used to latch in D[63:0]#.
FERR#/PBE#
Output
FERR#/PBE# (Floating Point Error/Pending Break Event) is a multiplexed signal
and its meaning is qualified by STPCLK#. When STPCLK# is not asserted,
FERR#/PBE# indicates a floating-point error and will be asserted when the
processor detects an unmasked floating-point error. When STPCLK# is not
asserted, FERR#/PBE# is similar to the ERROR# signal on the Intel 387
coprocessor, and is included for compatibility with systems using MS-DOS*-type
floating-point error reporting.
When STPCLK# is asserted, an assertion of FERR#/PBE# indicates that the
processor has a pending break event waiting for service. The assertion of
FERR#/PBE# indicates that the processor should be returned to the Normal
state. For additional information on the pending break event functionality,
including the identification of support of the feature and enable/disable
information, refer to volume 3 of the Intel Architecture Software Developer's
Manual and the Intel Processor Identification and the CPUID Instruction
application note.
GTLREF
Input
GTLREF determines the signal reference level for GTL+ input pins. GTLREF is
used by the GTL+ receivers to determine if a signal is a logical 0 or logical 1.
Refer to the applicable chipset platform design guide for more information.
HIT#
HITM#
Input/
Output
Input/
Output
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction snoop operation
results. Any FSB agent may assert both HIT# and HITM# together to indicate
that it requires a snoop stall, which can be continued by reasserting HIT# and
HITM# together.
IERR#
Output
IERR# (Internal Error) is asserted by a processor as the result of an internal
error. Assertion of IERR# is usually accompanied by a SHUTDOWN transaction
on the processor FSB. This transaction may optionally be converted to an
external error signal (e.g., NMI) by system core logic. The processor will keep
IERR# asserted until the assertion of RESET#.
This signal does not have on-die termination. Refer to Section 2.5 for termination
requirements.
Table 4-3. Signal Description (Sheet 4 of 8)
Name
Type
Description
Signals
Associated Strobe
D[15:0]#, DBI0#
DSTBN0#
D[31:16]#, DBI1#
DSTBN1#
D[47:32]#, DBI2#
DSTBN2#
D[63:48]#, DBI3#
DSTBN3#
Signals
Associated Strobe
D[15:0]#, DBI0#
DSTBP0#
D[31:16]#, DBI1#
DSTBP1#
D[47:32]#, DBI2#
DSTBP2#
D[63:48]#, DBI3#
DSTBP3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com