Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 21 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 350 Datasheet HTML 17Page - Intel Corporation 350 Datasheet HTML 18Page - Intel Corporation 350 Datasheet HTML 19Page - Intel Corporation 350 Datasheet HTML 20Page - Intel Corporation 350 Datasheet HTML 21Page - Intel Corporation 350 Datasheet HTML 22Page - Intel Corporation 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Datasheet
21
Electrical Specifications
2.7
Asynchronous GTL+ Signals
Legacy input signals (such as A20M#, IGNNE#, INIT#, SMI#, SLP#, and STPCLK#) use CMOS
input buffers. All of these signals follow the same DC requirements as GTL+ signals; however, the
outputs are not actively driven high (during a logical 0-to-1 transition) by the processor. These
signals do not have setup or hold time specifications in relation to BCLK[1:0].
All of the Asynchronous GTL+ signals are required to be asserted/de-asserted for at least six
BCLKs for the processor to recognize the proper signal state. See Section 2.11 for the DC
specifications for the Asynchronous GTL+ signal groups. See Section 6.2 for additional timing
requirements for entering and leaving the low power states.
2.8
Test Access Port (TAP) Connection
Due to the voltage levels supported by other components in the Test Access Port (TAP) logic, it is
recommended that the Celeron D processor be first in the TAP chain and followed by any other
components within the system. A translation buffer should be used to connect to the rest of the
chain unless one of the other components is capable of accepting an input of the appropriate
voltage level. Similar considerations must be made for TCK, TMS, TRST#, TDI, and TDO. Two
copies of each signal may be required, with each driving a different voltage level.
Table 2-4. Signal Characteristics
Signals with R
TT
Signals with no R
TT
A[35:3]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BINIT#,
BNR#, BOOTSELECT1, BPRI#, D[63:0]#, DBI[3:0]#,
DBSY#, DEFER#, DP[3:0]#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, HIT#, HITM#, LOCK#, MCERR#,
OPTIMIZED/COMPAT#1, PROCHOT#, REQ[4:0]#,
RS[2:0]#, RSP#, TRDY#
NOTES:
1.
The OPTIMIZED/COMPAT# and BOOTSELECT pins have a 500–5000
Ω pull-up to V
CCVID rather than RTT.
A20M#, BCLK[1:0], BPM[5:0]#, BR0#, BSEL[1:0],
COMP[1:0], FERR#/PBE#, IERR#, IGNNE#, INIT#,
LINT0/INTR, LINT1/NMI, PWRGOOD, RESET#,
SKTOCC#, SLP#, SMI#, STPCLK#, TDO,
TESTHI[12:0], THERMDA, THERMDC,
THERMTRIP#, VID[5:0], VIDPWRGD,
GTLREF[3:0], TCK, TDI, TRST#, TMS
Open Drain Signals2
2.
Signals that do not have RTT, nor are actively driven to their high-voltage level.
BSEL[1:0], VID[5:0], THERMTRIP#, FERR#/PBE#,
IERR#, BPM[5:0]#, BR0#, TDO
Table 2-5. Signal Reference Voltages
GTLREF
VCC/2
VCCVID/2
BPM[5:0]#, LINT0/INTR, LINT1/NMI, RESET#, BINIT#,
BNR#, HIT#, HITM#, MCERR#, PROCHOT#, BR0#,
A[35:0]#, ADS#, ADSTB[1:0]#, AP[1:0]#, BPRI#, D[63:0]#,
DBI[3:0]#, DBSY#, DEFER#, DP[3:0]#, DRDY#,
DSTBN[3:0]#, DSTBP[3:0]#, LOCK#, REQ[4:0]#, RS[2:0]#,
RSP#, TRDY#
A20M#, IGNNE#, INIT#,
PWRGOOD1, SLP#, SMI#,
STPCLK#, TCK1, TDI1,
TMS1, TRST#1
NOTES:
1.
These signals also have hysteresis added to the reference voltage. See Table 2-12 for more information.
VIDPWRGD,
BOOTSELECT,
OPTIMIZED/
COMPAT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com