Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 24 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 350 Datasheet HTML 20Page - Intel Corporation 350 Datasheet HTML 21Page - Intel Corporation 350 Datasheet HTML 22Page - Intel Corporation 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation 350 Datasheet HTML 27Page - Intel Corporation 350 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
24
Datasheet
Electrical Specifications
3.
The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE pins at the
socket with a 100 MHz bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 M
Ω minimum im-
pedance. The maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise
from the system is not coupled into the oscilloscope probe.
4.
Refer to Table 2-9 and Figure 2-2 for the minimum, typical, and maximum VCC allowed for a given current. The
processor should not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a giv-
en current. Moreover, VCC should never exceed the VID voltage. Failure to adhere to this specification can
shorten the processor lifetime.
5.
ICC_MAX is specified at VCC_MAX .
6.
The current specified is also for AutoHALT state.
7.
ICC Stop-Grant and ICC Sleep are specified at VCC_MAX .
8.
The maximum instantaneous current the processor will draw while the thermal control circuit is active as in-
dicated by the assertion of PROCHOT# is the same as the maximum ICC for the processor.
9.
These parameters are based on design characterization and are not tested.
Table 2-9. VCC Static and Transient Tolerance
Icc (A)
Voltage Deviation from VID Setting (V)1,2,3
Maximum Voltage
Typical Voltage
Minimum Voltage
0
0.000
-0.025
-0.050
5
-0.007
-0.034
-0.060
10
-0.015
-0.042
-0.070
15
-0.022
-0.051
-0.080
20
-0.029
-0.060
-0.090
25
-0.036
-0.068
-0.100
30
-0.044
-0.077
-0.110
35
-0.051
-0.085
-0.120
40
-0.058
-0.094
-0.130
45
-0.065
-0.103
-0.140
50
-0.073
-0.111
-0.150
55
-0.080
-0.120
-0.160
60
-0.087
-0.129
-0.170
65
-0.094
-0.137
-0.180
70
-0.102
-0.146
-0.190
73
-0.106
-0.151
-0.196
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot allowed as
shown in Section 2.12.
2.
This table is intended to aid in reading discrete points on Figure 2-3.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE
pins. Voltage regulation feedback for voltage regulator circuits must be taken from processor VCC
and VSS pins. Refer to the Voltage Regulator-Down (VRD) 10.0 Design Guidelines for Desktop
Socket 478 for socket loadline guidelines and VR implementation details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com