Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 26 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 350 Datasheet HTML 22Page - Intel Corporation 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation 350 Datasheet HTML 27Page - Intel Corporation 350 Datasheet HTML 28Page - Intel Corporation 350 Datasheet HTML 29Page - Intel Corporation 350 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
26
Datasheet
Electrical Specifications
Table 2-10. GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
GTLREF – (0.10 * VCC)V
2,3
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3.
The VCC referred to in these specifications is the instantaneous VCC.
VIH
Input High Voltage
GTLREF + (0.10 * VCC)VCC
V
3,4,5
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5.
VIH and VOH may experience excursions above VCC.
VOH
Output High Voltage
0.90*VCC
VCC
V
3,5
IOL
Output Low Current
N/A
VCC/
[0.50*RRTT_MIN+RON_MIN]
A
ILI
Input Leakage Current
N/A
± 200
µA
6
6.
Leakage to VSS with pin held at VCC.
ILO
Output Leakage Current
N/A
± 200
µA
7
7.
Leakage to VCC with pin held at 300 mV.
Ron_compatible Buffer On Resistance
6.33
10.33
Ω
8
8.
These specifications are different depending on whether the platform is forward compatible to the Celeron D proces-
sor or if it is optimized for the Celeron D processor. A compatible platform is one that is designed for a previous gen-
eration processor but has some level of compatibility with the Celeron D processor. An optimized platform is one
designed specifically for the Celeron D processor; however, it may have some level of compatibility with previous
generation processors.
Ron_optimized
Buffer On Resistance
8
12
Ω
8
Table 2-11. Asynchronous GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
VCC/2 – (0.10 * VCC)V
2,3
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3.
LINT0/INTR and LINT1/NMI use GTLREF as a reference voltage. For these two signals
VIH = GTLREF + (0.10 * VCC) and VIL= GTLREF – (0.10 * VCC).
VIH
Input High Voltage
VCC/2 + (0.10 * VCC)VCC
V
3,4,5,6
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5.
VIH and VOH may experience excursions above VCC.
6.
The VCC referred to in these specifications refers to instantaneous VCC.
VOH
Output High Voltage
0.90*VCC
VCC
V
5,6,7
7.
All outputs are open drain.
IOL
Output Low Current
—
VCC/[0.50*RTT_MIN+RON_MIN]A
8
8.
The maximum output current is based on maximum current handling capability of the buffer and is not specified into
the test load.
IIL
Input Leakage Current
N/A
± 200
µA
9
9.
Leakage to VSS with pin held at VCC.
ILO
Output Leakage Current
N/A
± 200
µA
10
10. Leakage to VCC with pin held at 300 mV.
Ron_compatible
Buffer On Resistance
6.33
10.33
W
11
Ron_optimized
Buffer On Resistance
8
12
W
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com