Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 64 Page - Intel Corporation

Part # 350
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 350 Datasheet HTML 60Page - Intel Corporation 350 Datasheet HTML 61Page - Intel Corporation 350 Datasheet HTML 62Page - Intel Corporation 350 Datasheet HTML 63Page - Intel Corporation 350 Datasheet HTML 64Page - Intel Corporation 350 Datasheet HTML 65Page - Intel Corporation 350 Datasheet HTML 66Page - Intel Corporation 350 Datasheet HTML 67Page - Intel Corporation 350 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
64
Datasheet
Thermal Specifications and Design Considerations
power consumption. The Thermal Monitor feature is intended to help protect the processor in the
unlikely event that an application exceeds the TDP recommendation for a sustained period of time.
For more details on the usage of this feature, refer to Section 5.2. In all cases, the Thermal
Monitor feature must be enabled for the processor to remain within specification.
5.1.2
Thermal Metrology
The maximum and minimum case temperatures (TC) are specified in Table 5-1. These temperature
specifications are meant to help ensure proper operation of the processor. Figure 5-1 illustrates
where Intel recommends TC thermal measurements should be made. For detailed guidelines on
temperature measurement methodology, refer to the applicable thermal design guide.
Table 5-1. Processor Thermal Specifications
Processor
Number
Core
Frequency
(GHz)
Thermal Design
Power (W)
Minimum TC
(°C)
Maximum TC
(°C)
Notes1,2
NOTES:
1.
Thermal Design Power (TDP) should be used for processor thermal solution design targets. The
TDP is not the maximum power that the processor can dissipate.
2.
This table shows the maximum TDP for a given frequency range. Individual processors may
have a lower TDP.
350
3.20
73
5
67
—
345
3.06
73
5
67
—
340
2.93
73
5
67
—
335
2.80
73
5
67
—
330
2.66
73
5
67
—
325
2.53
73
5
67
—
320
2.40
73
5
67
—
Figure 5-1. Case Temperature (TC) Measurement Location
31 mm x 31 mm IHS [1.22 x 1.22 in]
35 mm x 35 mm substrate [1.378 in x 1.378 in]
Measure T
C at this point
(geometric center of IHS)
Measure from edge of processor IHS
15.5 mm [0.61 in]
15.5 mm [0.61 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com