| Electronic Components Datasheet Search |
|
350 Datasheet(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
350 Datasheet(HTML) 49 Page - Intel Corporation |
|
49 / 82 page ![]() Pin Listing and Signal Descriptions Datasheet 49 D7 VCC Power/Other D8 VSS Power/Other D9 VCC Power/Other D10 VSS Power/Other D11 VCC Power/Other D12 VSS Power/Other D13 VCC Power/Other D14 VSS Power/Other D15 VCC Power/Other D16 VSS Power/Other D17 VCC Power/Other D18 VSS Power/Other D19 VCC Power/Other D20 VSS Power/Other D21 VSS Power/Other D22 D5# Source Synch Input/Output D23 D13# Source Synch Input/Output D24 VSS Power/Other D25 D15# Source Synch Input/Output D26 D23# Source Synch Input/Output E1 VSS Power/Other E2 DEFER# Common Clock Input E3 HITM# Common Clock Input/Output E4 VSS Power/Other E5 LINT1 Asynch GTL+ Input E6 TRST# TAP Input E7 VSS Power/Other E8 VCC Power/Other E9 VSS Power/Other E10 VCC Power/Other E11 VSS Power/Other E12 VCC Power/Other E13 VSS Power/Other E14 VCC Power/Other E15 VSS Power/Other E16 VCC Power/Other E17 VSS Power/Other E18 VCC Power/Other E19 VSS Power/Other E20 VCC Power/Other E21 DBI0# Source Synch Input/Output Table 4-2. Numerical Pin Assignment Pin # Pin Name Signal Buffer Type Direction E22 DSTBN0# Source Synch Input/Output E23 VSS Power/Other E24 D17# Source Synch Input/Output E25 D21# Source Synch Input/Output E26 VSS Power/Other F1 RS0# Common Clock Input F2 VSS Power/Other F3 HIT# Common Clock Input/Output F4 RS2# Common Clock Input F5 VSS Power/Other F6 GTLREF Power/Other Input F7 TMS TAP Input F8 VSS Power/Other F9 VCC Power/Other F10 VSS Power/Other F11 VCC Power/Other F12 VSS Power/Other F13 VCC Power/Other F14 VSS Power/Other F15 VCC Power/Other F16 VSS Power/Other F17 VCC Power/Other F18 VSS Power/Other F19 VCC Power/Other F20 GTLREF Power/Other Input F21 DSTBP0# Source Synch Input/Output F22 VSS Power/Other F23 D19# Source Synch Input/Output F24 D20# Source Synch Input/Output F25 VSS Power/Other F26 D22# Source Synch Input/Output G1 ADS# Common Clock Input/Output G2 BNR# Common Clock Input/Output G3 VSS Power/Other G4 LOCK# Common Clock Input/Output G5 RS1# Common Clock Input G6 VSS Power/Other G21 VSS Power/Other G22 D10# Source Synch Input/Output G23 D18# Source Synch Input/Output G24 VSS Power/Other Table 4-2. Numerical Pin Assignment Pin # Pin Name Signal Buffer Type Direction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |