Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 107Page - Renesas Technology Corp R26 Datasheet HTML 108Page - Renesas Technology Corp R26 Datasheet HTML 109Page - Renesas Technology Corp R26 Datasheet HTML 110Page - Renesas Technology Corp R26 Datasheet HTML 111Page - Renesas Technology Corp R26 Datasheet HTML 112Page - Renesas Technology Corp R26 Datasheet HTML 113Page - Renesas Technology Corp R26 Datasheet HTML 114Page - Renesas Technology Corp R26 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 92 of 453
REJ09B0278-0210
10.4
CPU Clock and Peripheral Function Clock
There are a CPU clock to operate the CPU and a peripheral function clock to operate the peripheral functions. Refer
to Figure 10.1 Clock Generation Circuit.
10.4.1
System Clock
The system clock is the clock source for the CPU and peripheral function clocks. Either the XIN clock and
XCIN clock or the on-chip oscillator clock can be selected. (For J, K version, the XCIN clock cannot be
selected.)
10.4.2
CPU Clock
The CPU clock is an operating clock for the CPU and watchdog timer.
The system clock can be divided by 1 (no division), 2, 4, 8, or 16 to produce the CPU clock. Use the CM06 bit
in the CM0 register and bits CM16 to CM17 in the CM1 register to select the value of the division.
Use the XCIN clock while the XCIN clock oscillation stabilizes.
After reset, the low-speed on-chip oscillator clock divided by 8 provides the CPU clock.
When entering stop mode from high-speed clock mode, the CM06 bit is set to 1 (divide-by-8 mode).
(For J, K version, the XCIN clock cannot be selected.)
10.4.3
Peripheral Function Clock (f1, f2, f4, f8, and f32)
The peripheral function clock is the operating clock for the peripheral functions.
The clock fi (i = 1, 2, 4, 8, and 32) is generated by the system clock divided by i. The clock fi is used for timers
RA, RB, RC, and RE, the serial interface and the A/D converter.
When the WAIT instruction is executed after setting the CM02 bit in the CM0 register to 1 (peripheral function
clock stops in wait mode), the clock fi stop.
10.4.4
fOCO
fOCO is an operating clock for the peripheral functions.
fOCO runs at the same frequency as the on-chip oscillator clock and can be used as the source for timer RA.
When the WAIT instruction is executed, the clocks fOCO does not stop.
10.4.5
fOCO40M
fOCO40M is used as the count source for timer RC. fOCO40M is generated by the high-speed on-chip
oscillator and supplied by setting the FRA00 bit to 1.
When the WAIT instruction is executed, the clock fOCO40M does not stop.
fOCO40M can be used with supply voltage VCC = 3.0 to 5.5 V.
10.4.6
fOCO-F
fOCO-F is used as the count source for the A/D converter. fOCO-F is generated by the high-speed on-chip
oscillator and supplied by setting the FRA00 bit to 1.
When the WAIT instruction is executed, the clock fOCO-F does not stop.
10.4.7
fOCO-S
fOCO-S is an operating clock for the watchdog timer and voltage detection circuit. fOCO-S is supplied by
setting the CM14 bit to 0 (low-speed on-chip oscillator on) and uses the clock generated by the low-speed on-
chip oscillator. When the WAIT instruction is executed or in count source protect mode of the watchdog timer,
fOCO-S does not stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com