Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 111Page - Renesas Technology Corp R26 Datasheet HTML 112Page - Renesas Technology Corp R26 Datasheet HTML 113Page - Renesas Technology Corp R26 Datasheet HTML 114Page - Renesas Technology Corp R26 Datasheet HTML 115Page - Renesas Technology Corp R26 Datasheet HTML 116Page - Renesas Technology Corp R26 Datasheet HTML 117Page - Renesas Technology Corp R26 Datasheet HTML 118Page - Renesas Technology Corp R26 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 96 of 453
REJ09B0278-0210
10.5.2
Wait Mode
Since the CPU clock stops in wait mode, the CPU, which operates using the CPU clock, and the watchdog
timer, when count source protection mode is disabled, stop. The XIN clock, XCIN clock, and on-chip oscillator
clock do not stop and the peripheral functions using these clocks continue operating.
10.5.2.1
Peripheral Function Clock Stop Function
If the CM02 bit is set to 1 (peripheral function clock stops in wait mode), the f1, f2, f4, f8, and f32 clocks stop
in wait mode. This reduces power consumption.
10.5.2.2
Entering Wait Mode
The MCU enters wait mode when the WAIT instruction is executed.
When the OCD2 bit in the OCD register is set to 1 (on-chip oscillator selected as system clock), set the OCD1
bit in the OCD register to 0 (oscillation stop detection interrupt disabled) before executing the WAIT
instruction.
If the MCU enters wait mode while the OCD1 bit is set to 1 (oscillation stop detection interrupt enabled),
current consumption is not reduced because the CPU clock does not stop.
10.5.2.3
Pin Status in Wait Mode
The I/O port is the status before wait mode was entered is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com