Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 141Page - Renesas Technology Corp R26 Datasheet HTML 142Page - Renesas Technology Corp R26 Datasheet HTML 143Page - Renesas Technology Corp R26 Datasheet HTML 144Page - Renesas Technology Corp R26 Datasheet HTML 145Page - Renesas Technology Corp R26 Datasheet HTML 146Page - Renesas Technology Corp R26 Datasheet HTML 147Page - Renesas Technology Corp R26 Datasheet HTML 148Page - Renesas Technology Corp R26 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 126 of 453
REJ09B0278-0210
12.2.2
INTi Input Filter (i = 0, 1, 3)
The INTi input contains a digital filter. The sampling clock is selected by bits INTiF1 to INTiF0 in the INTF
register. The IR bit in the INTiIC register is set to 1 (interrupt requested) when the INTi level is sampled for
every sampling clock and the sampled input level matches three times.
Figure 12.14 shows the Configuration of INTi Input Filter. Figure 12.15 shows an Operating Example of INTi
Input Filter.
Figure 12.14
Configuration of INTi Input Filter
Figure 12.15
Operating Example of INTi Input Filter
INTiF0, INTiF1: Bits in INTF register
INTiEN, INTiPL: Bits in INTEN register
i = 0, 1, 3
= 01b
INTi
Port direction
register(1)
Sampling clock
Digital filter
(input level
matches 3x)
INTi interrupt
= 10b
= 11b
f32
f8
f1
INTiF1 to INTiF0
INTiEN
Other than
INTiF1 to INTiF0
= 00b
= 00b
INTiPL = 0
INTiPL = 1
NOTE:
1. INT0: Port P4_5 direction register
INT1: Port P1_5 direction register when using the P1_5 pin
Port P1_7 direction register when using the P1_7 pin
INT3: Port P3_3 direction register
Both edges
detection
circuit
INTi input
Sampling
timing
IR bit in
INTiIC register
Set to 0 in program
This is an operation example when bits INTiF1 to INTiF0 in the
INTiF register are set to 01b, 10b, or 11b (passing digital filter).
i = 0, 1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com