Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 145Page - Renesas Technology Corp R26 Datasheet HTML 146Page - Renesas Technology Corp R26 Datasheet HTML 147Page - Renesas Technology Corp R26 Datasheet HTML 148Page - Renesas Technology Corp R26 Datasheet HTML 149Page - Renesas Technology Corp R26 Datasheet HTML 150Page - Renesas Technology Corp R26 Datasheet HTML 151Page - Renesas Technology Corp R26 Datasheet HTML 152Page - Renesas Technology Corp R26 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 130 of 453
REJ09B0278-0210
Figure 12.18
Registers AIER and RMAD0 to RMAD1
Address Match Interrupt Enable Register
Symbol
Address
After Reset
AIER
0013h
00h
Bit Symbol
Bit Name
Function
RW
AIER1
Address match interrupt 1 enable bit
AIER0
0 : Disable
1 : Enable
RW
b2 b1 b0
Address match interrupt 0 enable bit
—
(b7-b2)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b7 b6 b5 b4
0 : Disable
1 : Enable
RW
b3
Address Match Interrupt Register i (i = 0 or 1)
b0
Symbol
Address
After Reset
RMAD0
0012h-0010h
000000h
RMAD1
0016h-0014h
000000h
Setting Range
RW
Function
RW
(b19)
b3
(b15)
b7
(b8)
b0 b7
(b16)
b0
—
—
(b7-b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Address setting register for address match interrupt
00000h to FFFFFh
(b23)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com