Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 149Page - Renesas Technology Corp R26 Datasheet HTML 150Page - Renesas Technology Corp R26 Datasheet HTML 151Page - Renesas Technology Corp R26 Datasheet HTML 152Page - Renesas Technology Corp R26 Datasheet HTML 153Page - Renesas Technology Corp R26 Datasheet HTML 154Page - Renesas Technology Corp R26 Datasheet HTML 155Page - Renesas Technology Corp R26 Datasheet HTML 156Page - Renesas Technology Corp R26 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 134 of 453
REJ09B0278-0210
12.6.4
Changing Interrupt Sources
The IR bit in the interrupt control register may be set to 1 (interrupt requested) when the interrupt source
changes. When using an interrupt, set the IR bit to 0 (no interrupt requested) after changing the interrupt source.
In addition, changes of interrupt sources include all factors that change the interrupt sources assigned to
individual software interrupt numbers, polarities, and timing. Therefore, if a mode change of a peripheral
function involves interrupt sources, edge polarities, and timing, set the IR bit to 0 (no interrupt requested) after
the change. Refer to the individual peripheral function for its related interrupts.
Figure 12.20 shows an Example of Procedure for Changing Interrupt Sources.
Figure 12.20
Example of Procedure for Changing Interrupt Sources
NOTES:
1. Execute the above settings individually. Do not execute two
or more settings at once (by one instruction).
2. To prevent interrupt requests from being generated, disable
the peripheral function before changing the interrupt
source. In this case, use the I flag if all maskable interrupts
can be disabled. If all maskable interrupts cannot be
disabled, use bits ILVL0 to ILVL2 of the interrupt whose
source is changed.
3. Refer to
12.6.5 Changing Interrupt Control Register
Contents for the instructions to be used and usage notes.
Interrupt source change
Disable interrupts(2, 3)
Set the IR bit to 0 (interrupt not requested)
using the MOV instruction(3)
Change interrupt source (including mode
of peripheral function)
Enable interrupts(2, 3)
Change completed
IR bit:
The interrupt control register bit of an
interrupt whose source is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com