| Electronic Components Datasheet Search |
|
R26 Datasheet(PDF) 167 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 Datasheet(HTML) 167 Page - Renesas Technology Corp |
|
167 / 487 page ![]() R8C/26 Group, R8C/27 Group 14. Timers Rev.2.10 Sep 26, 2008 Page 148 of 453 REJ09B0278-0210 14.1.2 Pulse Output Mode In pulse output mode, the internally generated count source is counted, and a pulse with inverted polarity is output from the TRAIO pin each time the timer underflows (refer to Table 14.3 Specifications of Pulse Output Mode). Figure 14.6 shows the TRAIOC Register in Pulse Output Mode. NOTES: 1. The level of the output pulse becomes the level when the pulse output starts when the TRAMR register is written to. 2. For J, K version, fC32 cannot be selected. Table 14.3 Specifications of Pulse Output Mode Item Specification Count sources f1, f2, f8, fOCO, fC32(2) Count operations • Decrement • When the timer underflows, the contents in the reload register is reloaded and the count is continued. Divide ratio 1/(n+1)(m+1) n: Value set in TRAPRE register, m: Value set in TRA register Count start condition 1 (count starts) is written to the TSTART bit in the TRACR register. Count stop conditions • 0 (count stops) is written to the TSTART bit in the TRACR register. • 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register. Interrupt request generation timing When timer RA underflows [timer RA interrupt]. INT1/TRAIO pin function Pulse output, programmable output port, or INT1 interrupt(1) TRAO pin function Programmable I/O port or inverted output of TRAIO(1) Read from timer The count value can be read by reading registers TRA and TRAPRE. Write to timer • When registers TRAPRE and TRA are written while the count is stopped, values are written to both the reload register and counter. • When registers TRAPRE and TRA are written during the count, values are written to the reload register and counter (refer to 14.1.1.1 Timer Write Control during Count Operation). Select functions • TRAIO signal polarity switch function The TEDGSEL bit in the TRAIOC register selects the level at the start of pulse output.(1) • TRAO output function Pulses inverted from the TRAIO output polarity can be output from the TRAO pin (selectable by the TOENA bit in the TRAIOC register). • Pulse output stop function Output from the TRAIO pin is stopped by the TOPCR bit in the TRAIOC register. •INT1/TRAIO pin select function P1_7 or P1_5 is selected by the TIOSEL bit in the TRAIOC register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |