Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 177Page - Renesas Technology Corp R26 Datasheet HTML 178Page - Renesas Technology Corp R26 Datasheet HTML 179Page - Renesas Technology Corp R26 Datasheet HTML 180Page - Renesas Technology Corp R26 Datasheet HTML 181Page - Renesas Technology Corp R26 Datasheet HTML 182Page - Renesas Technology Corp R26 Datasheet HTML 183Page - Renesas Technology Corp R26 Datasheet HTML 184Page - Renesas Technology Corp R26 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 162 of 453
REJ09B0278-0210
Figure 14.15
Registers TRBPRE, TRBSC, and TRBPR
Timer RB Prescaler Register
(1)
Symbol
Address
After Reset
TRBPRE
010Ch
FFh
Mode
Function
Setting Range
RW
NOTE:
1.
Timer mode
b0
b7
RW
00h to FFh
Counts an internal count source or timer RA
underflow s
00h to FFh
RW
When the TSTOP bit in the TRBCR register is set to 1, the TRBPRE register is set to FFh.
Programmable w aveform
generation mode
RW
00h to FFh
Programmable one-shot
generation mode
00h to FFh
RW
Programmable w ait one-shot
generation mode
Timer RB Secondary Register
(3, 4)
Symbol
Address
After Reset
TRBSC
010Dh
FFh
Mode
Function
Setting Range
RW
NOTES:
1.
2.
3.
4.
Timer mode
—
Disabled
00h to FFh
b0
b7
WO(2)
Counts timer RB prescaler underflow s(1)
00h to FFh
Programmable one-shot
generation mode
Disabled
00h to FFh
—
Programmable w aveform
generation mode
To w rite to the TRBSC register, perform the follow ing steps.
(1) Write the value to the TRBSC register.
(2) Write the value to the TRBPR register. (If the value does not change, w rite the same value second time.)
The count value can be read out by reading the TRBPR register even w hen the secondary period is being counted.
Programmable w ait one-shot
generation mode
Counts timer RB prescaler underflow s
(one-shot w idth is counted)
00h to FFh
WO(2)
The values of registers TRBPR and TRBSC are reloaded to the counter alternately and counted.
When the TSTOP bit in the TRBCR register is set to 1, the TRBSC register is set to FFh.
Timer RB Primary Register
(2)
Symbol
Address
After Reset
TRBPR
010Eh
FFh
Mode
Function
Setting Range
RW
NOTES:
1.
2. When the TSTOP bit in the TRBCR register is set to 1, the TRBPR register is set to FFh.
Programmable w aveform
generation mode
RW
Counts timer RB prescaler underflow s(1)
00h to FFh
Programmable one-shot
generation mode
Counts timer RB prescaler underflow s
(one-shot w idth is counted)
00h to FFh
RW
The values of registers TRBPR and TRBSC are reloaded to the counter alternately and counted.
Timer mode
RW
Counts timer RB prescaler underflow s
00h to FFh
b7
b0
Programmable w ait one-shot
generation mode
Counts timer RB prescaler underflow s
(w ait period w idth is counted)
00h to FFh
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com