Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 178Page - Renesas Technology Corp R26 Datasheet HTML 179Page - Renesas Technology Corp R26 Datasheet HTML 180Page - Renesas Technology Corp R26 Datasheet HTML 181Page - Renesas Technology Corp R26 Datasheet HTML 182Page - Renesas Technology Corp R26 Datasheet HTML 183Page - Renesas Technology Corp R26 Datasheet HTML 184Page - Renesas Technology Corp R26 Datasheet HTML 185Page - Renesas Technology Corp R26 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 163 of 453
REJ09B0278-0210
14.2.1
Timer Mode
In timer mode, a count source which is internally generated or timer RA underflows are counted (refer to Table
14.7 Specifications of Timer Mode). Registers TRBOCR and TRBSC are not used in timer mode.
Figure 14.16 shows the TRBIOC Register in Timer Mode.
Figure 14.16
TRBIOC Register in Timer Mode
Table 14.7
Specifications of Timer Mode
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement
• When the timer underflows, it reloads the reload register contents before the
count continues (when timer RB underflows, the contents of timer RB primary
reload register is reloaded).
Divide ratio
1/(n+1)(m+1)
n: setting value in TRBPRE register, m: setting value in TRBPR register
Count start condition
1 (count starts) is written to the TSTART bit in the TRBCR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRBCR register.
• 1 (count forcibly stop) is written to the TSTOP bit in the TRBCR register.
Interrupt request
generation timing
When timer RB underflows [timer RB interrupt]
TRBO pin function
Programmable I/O port
INT0 pin function
Programmable I/O port or INT0 interrupt input
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE and TRBPR are written to while count operation is
in progress:
If the TWRC bit in the TRBMR register is set to 0, the value is written to both
the reload register and the counter.
If the TWRC bit is set to 1, the value is written to the reload register only.
(Refer to 14.2.1.1 Timer Write Control during Count Operation.)
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit
—
(b7-b4)
—
b3 b2
INOSEG
b1 b0
00
INOSTG
TOCNT
b7 b6 b5 b4
00
TOPL
Timer RB output level select
bit
RW
RW
One-shot trigger control bit
Set to 0 in timer mode.
RW
RW
Timer RB output sw itch bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com