Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 200Page - Renesas Technology Corp R26 Datasheet HTML 201Page - Renesas Technology Corp R26 Datasheet HTML 202Page - Renesas Technology Corp R26 Datasheet HTML 203Page - Renesas Technology Corp R26 Datasheet HTML 204Page - Renesas Technology Corp R26 Datasheet HTML 205Page - Renesas Technology Corp R26 Datasheet HTML 206Page - Renesas Technology Corp R26 Datasheet HTML 207Page - Renesas Technology Corp R26 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 185 of 453
REJ09B0278-0210
Figure 14.28
TRCCR1 Register
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. The TRC counter performs free-running operation for the input capture function of the timer mode independent of the
CCLR bit setting.
Count source select bits(1)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running
operation)
1 : Clear by compare match in the
TRCGRA register
Bits CCLR, TOA, TOB, TOC and TOD are disabled for the input capture function of the timer mode.
TCK0
TCK1
RW
TRC counter clear select bit(2, 3)
TCK2
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1)
CCLR
RW
TRCIOC output level select bit(1)
RW
TOB
RW
TRCIOA output level select bit(1)
TRCIOB output level select bit(1)
Function varies according to the
operating mode (function).(2)
b7 b6 b5 b4 b3 b2
TOD
b1 b0
TOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com