Electronic Components Datasheet Search
  English  ▼

X  

R26 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # R26
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R26 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button R26 Datasheet HTML 204Page - Renesas Technology Corp R26 Datasheet HTML 205Page - Renesas Technology Corp R26 Datasheet HTML 206Page - Renesas Technology Corp R26 Datasheet HTML 207Page - Renesas Technology Corp R26 Datasheet HTML 208Page - Renesas Technology Corp R26 Datasheet HTML 209Page - Renesas Technology Corp R26 Datasheet HTML 210Page - Renesas Technology Corp R26 Datasheet HTML 211Page - Renesas Technology Corp R26 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 189 of 453
REJ09B0278-0210
Figure 14.33
TRCCR2 Register
Timer RC Control Register 2
Symbol
Address
After Reset
TRCCR2
0130h
00011111b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
—
(b4-b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
TRC count operation select
bit(1, 2)
0 : Count continues at compare match w ith
the TRCGRA register
1 : Count stops at compare match w ith
the TRCGRA register
RW
In timer mode and PWM mode these bits are disabled.
In timer mode and PWM mode this bit is disabled (the count operation continues independent of the CSEL bit setting).
TCEG1
For notes on PWM2 mode, refer to 14.3.9.5 TRCMR Register in PWM2 Mode.
b3 b2
TCEG0
b1 b0
CSEL
b7 b6 b5 b4
RW
RW
TRCTRG input edge select bits(3) b7 b6
0 0 : Disable the trigger input from the
TRCTRG pin
0 1 : Rising edge selected
1 0 : Falling edge selected
1 1 : Both edges selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com