Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
TLE5012
Specification
Target Data Sheet
32
V 0.46, 2009-09
S_MAGOL
7
ru
Status Magnitude Out of Limit
0B
after readout
1B
GMR-magnitude out of limit (>23230 digits)
Reset: 0B
S_XYOL
6
ru
Status X,Y Data Out of Limit
0B
after readout
1B
X,Y data out of limit (>23230 digits)
Reset: 0B
S_OV
5
ru
Status Overflow
0B
after readout
1B
DSPU overflow occurred
Reset: 0B
S_DSPU
4
ru
Status Digital Signal Processing Unit
0B
after readout
1B
DSPU self test not ok, or selftest is running
Reset: 0B
S_FUSE
3
ru
Status Fuse CRC
0B
after readout, Fuse CRC ok
1B
Fuse CRC fail
Reset: 0B
S_VR
2
ru
Status Voltage Regulator
0B
after readout
1B
VDD overvoltage; VDD undervoltage; VDD-off; GND-
off; or VOVG; VOVA; VOVD too high
Reset: 0B
S_WD
1
ru
Status Watchdog
0B
after chip reset
1B
watchdog counter expired
Reset: 0B
S_RST
0
ru
Status Reset
0B
after readout
1B
indication of power-up, short power-break or active
reset
Reset: 1B
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com