Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
TLE5012
Specification
Target Data Sheet
22
V 0.46, 2009-09
Figure 12
Delay of Sensor Output
Table 8
Signal Processing
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Update Rate at Interface
tupd
-
21.3
-
µs
FIR_MD = 0 (only raw
values)1)2)
1) depends on internal oscillator frequency variation (Chapter 3.4.6)
2) guaranteed by laboratory characterization
-
42.7
-
µs
FIR_MD = 11)2)
-
85.3
-
µs
FIR_MD = 2 (default)1)2)
-
170.6
-
µs
FIR_MD = 31)2)
Angle Delay Time3)
3) valid at constant rotation speed
tdel
-
60
70
µs
FIR_MD = 11)2)
-
80
95
µs
FIR_MD = 21)2)
-
120
140
µs
FIR_MD = 31)2)
Angle Delay Time with
Prediction3)
tdel
-
20
30
µs
FIR_MD = 1; PREDICT = 1
1)2)
-
5
20
µs
FIR_MD = 2; PREDICT = 1
1)2)
-
-40
-20
µs
FIR_MD = 3; PREDICT = 1
1)2)
Angle Noise
NAngle
-
0.11
-
°
FIR_MD = 0, (1 Sigma)2)
-
0.08
-
°
FIR_MD = 1, (1 Sigma)2)
-
0.05
-
°
FIR_MD = 2, (1 Sigma)2)
(default)
-
0.04
-
°
FIR_MD = 3, (1 Sigma)2)
time
Angle
With
Prediction
Without
Prediction
tdel
tupd
Magnetic field
direction
Sensor output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com