Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
TLE5012
Specification
Target Data Sheet
25
V 0.46, 2009-09
Another possibility is a 3-pin SSC Interface with bidirectional open-drain data line, serial clock signal and chip
select. This setup is designed to communicate with a microcontroller in a bus system, together with other SSC
slaves (e.g. two TLE5012 for redundancy reasons). This mode can be activated using bit SSC_OD.
Figure 15
SSC Configuration in Sensor-Slave Mode and Open Drain (Safe Bus Systems)
3.5.1.1
SSC Timing Definition
Figure 16
SSC Timing
SSC Inactive Time (CSoff)
The SSC inactive time defines the delay time after a transfer before the TLE5012 can be selected again.
Table 11
SSC Push-Pull Timing Specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SSC Baud Rate
fSSC
-
8.0
-
Mbit/s
CSQ Setup Time
tCSs
105
-
-
ns
CSQ Hold Time
tCSh
105
-
-
ns
Shift Reg.
Shift Reg.
Clock Gen.
DATA
MRST
MTSR
SCK
SCK
(SSC Slave) TLE 5012
µC (SSC Master)
CSQ
CSQ
*)
*)
*)
*)
typ. 1kΩ
*) optional , e.g. 100 Ω
SCK
tCSs
tSCKp
tSCKh
tCSh
CSQ
tSCKl
tCSoff
tDATAs
DATA
tDATAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com