Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
TLE5012
Specification
Target Data Sheet
19
V 0.46, 2009-09
3.4
Characteristics
3.4.1
Electrical Parameters
The indicated electrical parameters apply to the full operating range, unless otherwise specified. The typical values
correspond to a supply voltage VDD = 5.0 V and 25 °C, unless individually specified. All other values correspond
to -40 °C < TJ < 150°C.
3.4.2
ESD Protection
Table 4
Electrical Parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply Current
IDD
-
12
13
mA
POR Level
VPOR
2.0
-
2.9
V
Power On Reset
POR Hysteresis
VPORhy
-
30
-
mV
Power On Time
tPon
-
4
5
ms
VDD > VDDmin
1)
1) Within “Power On Time” write access is not permitted
Input Signal Low Level
VL
-
-
0.3 VDD
V
Input Signal High Level
VH
0.7 VDD -
-
V
Pull-Up Current
IPU
-10
-
-225
µA
CSQ
-10
-
-150
µA
DATA
Pull-Down Current
IPD
10
-
225
µA
SCK
10
-
150
µA
CLK, IFA, IFB
Output Signal Low Level
VOL
-
-
1
V
DATA; IQ = - 25 mA
(PAD_DRV=’0x’), IQ = - 5 mA
(PAD_DRV=’10’), IQ = - 0.4 mA
(PAD_DRV=’11’)
-
-
1
V
IFA,IFB; IQ = - 15 mA
(PAD_DRV=’0x’), IQ = - 5 mA
(PAD_DRV=’1x’)
Table 5
ESD Protection
Parameter
Symbol Values
Unit
Notes
min.
max.
ESD Voltage
VHBM
-
±2.0
kV
Human Body Model1)
1) Human Body Model (HBM) according to: JEDEC EIA/JESD22-A114-B
VSDM
-
±0.5
kV
Socketed Device Model2)
2) Socketed Device Model (SDM) according to: ESD ASS.STD.DS5.3-93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com