Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
TLE5012
Specification
Target Data Sheet
23
V 0.46, 2009-09
3.4.6
Clock Supply (CLK Timing Definition)
If the external clock supply is selected, the clock signal input ’CLK’ must fulfill certain requirements which are
described in the following:
•
The high or low pulse width must not exceed the specified values, because the PLL needs a minimum pulse
width and must be spike filtered.
•
The duty cycle factor should be 0.5 but can deviate to the values limited by tCLKh(f_min) and tCLKl(f_min).
•
The PLL is triggered at the positive edge of the clock. If more than 2 edges are missing, a chip reset is
generated automatically.
Figure 13
External CLK Timing Definition
Table 9
CLK Timing Specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Input Frequency
fCLK
3.8
4.0
4.2
MHz
CLK Duty Cycle1)2)
1) Minimum Duty Cycle Factor: tCLKh(f_min) / tCLK(f_min) with tCLK(f_min)= 1 / fCLK(f_min)
2) Maximum Duty Cycle Factor: tCLKh(f_max) / tCLK(f_min) with tCLKh(f_max)= tCLK(f_min) - tCLKl(min)
CLKDUTY
30
50
70
%
CLK Rise Time
tCLKr
-
-
30
ns
from VL to VH
CLK Fall Time
tCLKf
-
-
30
ns
from VH to VL
Digital Clock
fDIG
22.8
24
25.2
MHz
Internal Oscillator Frequency
fCLK
3.8
4.0
4.2
MHz
tCLKh
tCLKl
tCLK
t
VL
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com