Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
TLE5012
Specification
Target Data Sheet
18
V 0.46, 2009-09
Note: The thermal resistances listed in Table 20 “Package Parameters” on Page 55 must be used to calculate
the corresponding ambient temperature.
Calculation of the Junction Temperature
The total power dissipation PTOT of the chip increases its temperature above the ambient temperature.
The power multiplied by the total thermal resistance RthJA (Junction to Ambient) leads to the final junction
temperature. RthJA is the sum of the addition of the values of the two components Junction to Case and Case to
Ambient.
(1)
Example (assuming no load on Vout):
(2)
For moulded sensors, the calculation with RthJC is more adequate.
Magnetic Induction
BXY
30
-
50
mT
in X/Y direction3)
Angle Range
Ang
0
-
360
°
1) Directly blocked with 100nF ceramic capacitor
2) Max. current to GND over Open Drain Output
3) Values refer to an homogenous magnetic field (BXY) without vertical magnetic induction (BZ = 0mT).
Table 3
Operating Range (cont’d)
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
)
(
OUT
OUT
DD
DD
thJA
TOT
thJA
A
J
thCA
thJC
thJA
I
V
I
V
R
P
R
T
T
T
T
R
R
R
×
+
×
×
=
×
=
∆
∆
+
=
+
=
(IDD, IOUT > 0, if direction is into IC)
[]
[] [ ] K
VA
A
V
W
K
T
mA
I
V
V
DD
DD
9
0
012
.
0
5
150
12
5
=
+
×
×


=
∆
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com