Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG TLE5012 Datasheet HTML 38Page - Infineon Technologies AG TLE5012 Datasheet HTML 39Page - Infineon Technologies AG TLE5012 Datasheet HTML 40Page - Infineon Technologies AG TLE5012 Datasheet HTML 41Page - Infineon Technologies AG TLE5012 Datasheet HTML 42Page - Infineon Technologies AG TLE5012 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
TLE5012
Specification
Target Data Sheet
39
V 0.46, 2009-09
Interface Mode2 Register
ADCTV_X
2:0
rw
Test vector X
000B 0V
001B +70%
010B +100%
011B +OV
101B -70%
110B -100%
111B -OV
Reset: 0H
MOD_2
Offset
Reset Value
Interface Mode2 Register
08H
0800H
Field
Bits
Type
Description
ANG_RANGE
14:4
rw
Angle Range
Angle Range [°] = 360° * (27 / ANG_RANGE)
200H represents 90°
080H represents 360°
Reset: 080H
ANG_DIR
3
rw
Angle Direction
0B
counterclockwise rotation of magnet
1B
clockwise rotation of magnet
Reset: 0B
PREDICT
2
rw
Prediction
0B
prediction disabled
1B
prediction enabled (default within TLE5012-E0318
and TLE5012-E0742)
Reset: 0B
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com