Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 45Page - Infineon Technologies AG TLE5012 Datasheet HTML 46Page - Infineon Technologies AG TLE5012 Datasheet HTML 47Page - Infineon Technologies AG TLE5012 Datasheet HTML 48Page - Infineon Technologies AG TLE5012 Datasheet HTML 49Page - Infineon Technologies AG TLE5012 Datasheet HTML 50Page - Infineon Technologies AG TLE5012 Datasheet HTML 51Page - Infineon Technologies AG TLE5012 Datasheet HTML 52Page - Infineon Technologies AG TLE5012 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
TLE5012
Specification
Target Data Sheet
49
V 0.46, 2009-09
To avoid switching on mechanical vibrations of the rotor, a hysteresis is recommended (Figure 23).
Electrical Angle Accuracy
α
elect
-
1.2
2
°
2 polepairs with
autocalibration1)2)
-
1.8
3
3 polepairs with autocal.1)2)
-
2.4
4
4 polepairs with autocal.1)2)
-
3.6
6
6 polepairs with autocal.1)2)
-
4.2
7
7 polepairs with autocal.1)2)
-
4.8
8
8 polepairs with autocal.1)2)
-
7.2
12
12 polepairs with autocal.1)2)
-
9.6
16
16 polepairs with autocal.1)2)
Mechanical Angle Switching
Hysteresis
α
HShystm
0
-
0.625
°
selectable by IFAB_HYST3)
Electrical Angle Switching
Hysteresis4)
α
HShystel
-
1.25
-
°
2 polepairs;
IFAB_HYST=111)2)
-
1.88
-
3 polepairs;
IFAB_HYST=111)2)
-
2.50
-
4 polepairs;
IFAB_HYST=111)2)
-
3.75
-
6 polepairs;
IFAB_HYST=111)2)
-
4.38
-
7 polepairs;
IFAB_HYST=111)2)
-
5.00
-
8 polepairs;
IFAB_HYST=111)2)
-
7.50
-
12 polepairs;
IFAB_HYST=111)2)
-
10
-
16 polepairs;
IFAB_HYST=111)2)
Fall Time
tHSfall
-
0.02
1
µs
RL = 2.2kΩ; CL < 50pF
Rise Time
tHSrise
-
0.4
1
µs
RL = 2.2kΩ; CL < 50pF
1) depends on internal oscillator frequency variation (Chapter 3.4.6)
2) guaranteed by design
3) including GMR hysteresis
4) The hysteresis has to be considered only at change of rotation direction.
Table 17
Hall Switch Mode
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com