Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
TLE5012
Specification
Target Data Sheet
33
V 0.46, 2009-09
Activation Status Register
ACSTAT
Offset
Reset Value
Activation Status Register
01H
5EFEH
Field
Bits
Type
Description
Res
15:10
rw
Reserved
Reset: 010111B
AS_ADCT
9
rw
Enable GMR Vector check
Reset: 1B
AS_VEC_MAG
7
rw
Activation of ADC-Redundancy-BIST
0B
after execution
1B
activation of redundancy BIST
Reset: 1B
AS_VEC_XY
6
rw
Activation of ADC-BIST
0B
after execution
1B
activation of BIST
Reset: 1B
AS_OV
5
rw
Enable of DSPU Overflow Check
Reset: 1B
AS_DSPU
4
rw
Activation DSPU BIST
0B
after execution
1B
activation of DSPU BIST
Reset: 1B
AS_FUSE
3
rw
Activation Fuse CRC
0B
after execution
1B
activation of Fuse CRC
Reset: 1B
AS_VR
2
rw
Enable Voltage Regulator Check
Reset: 1B
AS_WD
1
rw
Enable DSPU Watchdog-HW-Reset
Reset: 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com