Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 4Page - Infineon Technologies AG TLE5012 Datasheet HTML 5Page - Infineon Technologies AG TLE5012 Datasheet HTML 6Page - Infineon Technologies AG TLE5012 Datasheet HTML 7Page - Infineon Technologies AG TLE5012 Datasheet HTML 8Page - Infineon Technologies AG TLE5012 Datasheet HTML 9Page - Infineon Technologies AG TLE5012 Datasheet HTML 10Page - Infineon Technologies AG TLE5012 Datasheet HTML 11Page - Infineon Technologies AG TLE5012 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
TLE5012
Product Description
Target Data Sheet
8
V 0.46, 2009-09
1.2
Features
•
Giant Magneto Resistance (GMR)-based principle
•
Integrated magnetic field sensing for angle measurement
•
Full calibrated 0 - 360° angle measurement with revolution counter and angle speed measurement
•
Two separate highly accurate single bit SD-ADC
•
15 bit representation of absolute angle value on the output (resolution of 0.01°)
•
16 bit representation of sine / cosine values on the interface
•
Max. 1.0° angle error over lifetime and temperature with activated auto-calibration
•
Bi-directional SSC Interface up to 8Mbit/s
•
Supports SIL3 with diagnostic functions and status information
•
Interfaces: SSC, PWM, Incremental Interface (IIF), Hall Switch Mode (HSM)
•
0.25 µm CMOS technology
•
Automotive qualified: -40°C to 150°C (Junction Temperature)
•
ESD > 2kV (HBM)
•
Green package with lead-free (Pb-free) plating
1.3
Application Example
The TLE5012 GMR-Based Angular Sensor is designed for angular position sensing in automotive applications,
such as:
•
Electrical Commutated Motor (e.g. used in Electric Power Steering (EPS))
•
Rotary Switch
•
Steering Angle
•
General Angular Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com