Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 48Page - Infineon Technologies AG TLE5012 Datasheet HTML 49Page - Infineon Technologies AG TLE5012 Datasheet HTML 50Page - Infineon Technologies AG TLE5012 Datasheet HTML 51Page - Infineon Technologies AG TLE5012 Datasheet HTML 52Page - Infineon Technologies AG TLE5012 Datasheet HTML 53Page - Infineon Technologies AG TLE5012 Datasheet HTML 54Page - Infineon Technologies AG TLE5012 Datasheet HTML 55Page - Infineon Technologies AG TLE5012 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
TLE5012
Specification
Target Data Sheet
52
V 0.46, 2009-09
3.6
Test Structure
3.6.1
ADC Test Vectors
It is possible to feed the ADCs with appropriate values to simulate a certain magnet position and other GMR
effects. This test can be activated within SIL register (ADCTV_EN). With ADCTV_Y and ADCTV_X the vector
length can be adjusted like Figure 26.
The values are generated with resistors on the chip.
The following X/Y ADC values can be programmed:
•
4 points, circle amplitude = 70% (0°,90°, 180°, 270°)
•
8 points, circle amplitude = 100% (0°, 45°, 90°, 135°, 180°, 225°, 270°, 315°)
•
8 points, circle amplitude = 122.1% (35.3°, 54.7°, 125.3°, 144.7°, 215.3°, 234.7°, 305.3°, 324.7°)
•
4 points, circle amplitude = 141.4% (45°, 135°, 225°, 315°)
Figure 26
ADC Test Vectors
Index
t0°
-
5
-
µs
0°
t90°
-
10
-
µs
90°
t180°
-
15
-
µs
180°
t270°
-
20
-
µs
270°
Table 18
Incremental Interface (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
ADCTV_X
ADCTV_Y
0%
122.1%
100.0%
70%
141.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com