Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
22
Freescale Semiconductor
DDR and DDR2 SDRAM
Figure 3 provides the input timing diagram for the DDR SDRAM interface. tDISKEW can be calculated
from tCISKEW. See Table 19 footnote 2.
Figure 3. DDR SDRAM Input Timing Diagram
6.2.2
DDR SDRAM Output AC Timing Specifications
Table 20. DDR SDRAM Output AC Timing Specifications
At recommended operating conditions.
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, MCK[n]/MCK[n] crossing
tMCK
3.75
10
ns
2
ADDR/CMD output setup with respect to MCK
tDDKHAS
ns
3
533 MHz
1.48
—
7
400 MHz
1.95
—
333 MHz
2.40
—
ADDR/CMD output hold with respect to MCK
tDDKHAX
ns
3
533 MHz
1.48
—
7
400 MHz
1.95
—
333 MHz
2.40
—
MCS[n] output setup with respect to MCK
tDDKHCS
ns
3
533 MHz
1.48
—
7
400 MHz
1.95
—
333 MHz
2.40
—
MDQ[x]
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDISKEW
tDISKEW
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com