Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
9
MPC8568E Overview
1.2.12
Programmable Interrupt Controller (PIC)
The MPC8568E PIC implements the logic and programming structures of the OpenPIC architecture,
providing for external interrupts (with fully nested interrupt delivery), message interrupts, internal-logic
driven interrupts, and global high-resolution timers. Up to 16 programmable interrupt priority levels are
supported.
The PIC can be bypassed to allow use of an external interrupt controller.
1.2.13
DMA Controller, I2C, DUART, and Local Bus Controller
The MPC8568E provides an integrated four-channel DMA controller, which can transfer data between any
of its I/O or memory ports or between two devices or locations on the same port. The DMA controller also:
•
Allows chaining (both extended and direct) through local memory-mapped chain descriptors.
•
Scattering, gathering, and misaligned transfers are supported. In addition, stride transfers and
complex transaction chaining are supported.
•
Local attributes such as snoop and L2 write stashing can be specified.
There are two I2C controllers. These synchronous, multimaster buses can be connected to additional
devices for expansion and system development.
The DUART supports full-duplex operation and is compatible with the PC16450 and PC16550
programming models. 16-byte FIFOs are supported for both the transmitter and the receiver.
The MPC8568E local bus controller (LBC) port allows connections with a wide variety of external
memories, DSPs, and ASICs. Three separate state machines share the same external pins and can be
programmed separately to access different types of devices. The general-purpose chip select machine
(GPCM) controls accesses to asynchronous devices using a simple handshake protocol. The user
programmable machine (UPM) can be programmed to interface to synchronous devices or custom ASIC
interfaces. The SDRAM controller provides access to standard SDRAM. Each chip select can be configured
so that the associated chip interface can be controlled by the GPCM, UPM, or SDRAM controller. All may
exist in the same system. The local bus controller supports the following features:
•
Multiplexed 32-bit address and data bus operating at up to 133 MHz
•
Eight chip selects support eight external slaves
•
Up to eight-beat burst transfers
•
32-, 16-, and 8-bit port sizes controlled by on-chip memory controller
•
Three protocol engines available on a per-chip-select basis
•
Parity support
•
Default boot ROM chip select with configurable bus width (8, 16, or 32 bits)
•
Supports zero-bus-turnaround (ZBT) RAM
1.2.14
Power Management
In addition to low-voltage operation and dynamic power management, which automatically minimizes
power consumption of blocks when they are idle, four power consumption modes are supported: full on,
doze, nap, and sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com