Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
93
TDM/SI
19.2
TDM/SI AC Timing Specifications
Table 72 provides the TDM/SI input and output AC timing specifications.
Figure 60 provides the AC test load for the TDM/SI.
Figure 60. TDM/SI AC Test Load
Figure 61 represents the AC timing from Table 72. Note that although the specifications generally
reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge is the
active edge.
Input low voltage
VIL
—-0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
± 10
μA
Table 72. TDM/SI AC Timing Specifications 1
Characteristic
Symbol 2
Min
Max
Unit
TDM/SI outputs—External clock delay
tSEKHOV
211
ns
TDM/SI outputs—External clock High Impedance
tSEKHOX
210
ns
TDM/SI inputs—External clock input setup time
tSEIVKH
5—
ns
TDM/SI inputs—External clock input hold time
tSEIXKH
2—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tSEKHOX symbolizes the TDM/SI outputs external timing (SE) for the time tTDM/SI memory clock reference (K) goes
from the high state (H) until outputs (O) are invalid (X).
Table 71. TDM/SI DC Electrical Characteristics (continued)
Characteristic
Symbol
Condition
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com