Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
7
MPC8568E Overview
up to four banks of memory. The MPC8568E supports bank sizes from 64 Mbytes to 4 Gbytes. Nine
column address strobes (MDM[0:8]) are used to provide byte selection for memory bank writes.
The MPC8568E can be configured to retain the currently active SDRAM page for pipelined burst accesses.
Page mode support of up to 16 simultaneously open pages (32 for DDR2) can dramatically reduce access
latencies for page hits. Depending on the memory system design and timing parameters, using page mode
can save 3 to 4 clock cycles from subsequent burst accesses that hit in an active page.
Using ECC, the MPC8568E detects and corrects all single-bit errors and detects all double-bit errors and
all errors within a nibble.
The MPC8568E can invoke a level of system power management by asserting the MCKE SDRAM signal
on-the-fly to put the memory into a low-power sleep mode.
1.2.7
Table Lookup Unit (TLU)
The table lookup unit (TLU) provides access to application-defined routing topology and control tables in
external memory. It accesses an external memory array attached to the local bus controller (LBC).
Communication between the CPU and the TLU occurs via messages passed through the TLU’s
memory-mapped configuration and status registers.
The TLU provides resources for efficient generation of table entry addresses in memory, hash generation
of addresses, and binary table searching algorithms for both exact-match and longest-prefix-match
strategies.It supports the following TLU complex table types:
•
Hash-Trie-Key table for hash-based exact-match algorithms
•
Chained-Hash table for partially indexed and hashed exact-match algorithms
•
Longest-prefix-match algorithm
•
Flat-Data table for retrieving search results and simple indexed algorithms
1.2.8
PCI Controller
The MPC8568E supports one 32-bit PCI controller, which supports speeds of up to 66 MHz. Other features
include:
•
Compatible with the PCI Local Bus Specification, Revision 2.2, supporting 32- and 64-bit
addressing
•
Can function as host or agent bridge interface
•
As a master, supports read and write operations to PCI memory space, PCI I/O space, and PCI
configuration space
•
Can generate PCI special-cycle and interrupt-acknowledge commands. As a target, it supports read
and write operations to system memory as well as configuration accesses.
•
Supports PCI-to-memory and memory-to-PCI streaming, memory prefetching of PCI read
accesses, and posting of processor-to-PCI and PCI-to-memory writes
•
PCI 3.3-V compatible with selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com