Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
14
Freescale Semiconductor
Power Characteristics
NOTE
Items on the same line have no ordering requirement with respect to one
another. Items on separate lines must be ordered sequentially such that
voltage rails on a previous step must reach 90% of their value before the
voltage rails on the current step reach 10% of theirs.
In order to guarantee MCKE low during power-up, the above sequencing for
GVDD is required. If there is no concern about any of the DDR signals
being in an indeterminate state during power-up, then the sequencing for
GVDD is not required.
3
Power Characteristics
The power dissipation of VDD for various core complex bus (CCB) versus the core and QE frequency for
MPC8568E is shown in Table 5. Note that this is based on the design estimate only. More accurate power
number will be available after we have done the measurement on the silicon.
Table 5. MPC8568E Power Dissipation
CCB Frequency
Core Frequency
QE Frequency
Typical 65
°C Typical 105°C
Maximum
Unit
400
800
400
8.7
12.0
13.0
W
400
1000
400
8.9
12.3
13.6
W
400
1200
400
11.3
15.7
16.9
W
533
1333
533
12.4
17.2
18.7
W
Notes:
1. CCB Frequency is the SoC platform frequency which corresponds to DDR data rate.
2. Typical 65
°C based on VDD=1.1V, Tj=65.
3. Typical 105
°C based on VDD=1.1V, Tj=105.
4. Maximum based on VDD=1.1V, Tj=105.
Table 6. Typical MPC8568E I/O Power Dissipation
Interface
Parameters
GVDD
BVDD
OVDD
LVDD
TVDD
XVDD Unit
Comment
2.5 V
1.8 V 3.3 V 2.5 V
3.3 V
2.5 V
3.3 V
2.5 V
DDR/DDR2
333 MHz
0.76
0.50
W
Data rate
64-bit with
ECC
60% utilization
400 MHz
0.56
W
533 MHz
0.68
W
Local Bus
33 MHz, 32b
0.07
0.04
W
—
66 MHz, 32b
0.13
0.07
W
—
133 MHz, 32b
0.24
0.14
W
—
PCI
33 MHz
0.04
W
—
66 MHz
0.07
W
—
SRIO
4x, 3.125G
0.49
W
—
PCI Express
8x, 2.5G
0.71
W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com