Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
59
PCI
12 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8568E.
12.1
PCI DC Electrical Characteristics
Table 48 provides the DC electrical characteristics for the PCI interface.
12.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus. Note that the SYSCLK signal is
used as the PCI input clock. Table 49 provides the PCI AC timing specifications at 66 MHz.
Table 48. PCI DC Electrical Characteristics 1
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
0.5*OVDD
OVDD + 0.3
V
Low-level input voltage
VIL
–0.5
0.3*OVDD
V
Input current
(VIN
1= 0 V or V
IN = VDD)
IIN
—
±10
μA
High-level output voltage
(OVDD = min, IOH = –500 μA)
VOH
0.9*OVDD
—V
Low-level output voltage
(OVDD = max, IOL = 1500 μA)
VOL
—0.1*OVDD
V
Notes:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2 and Table 3.
Table 49. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Notes
SYSCLK to output valid
tPCKHOV
—
6.0
ns
2, 3
Output hold from SYSCLK
tPCKHOX
2.0
—
ns
2, 10
SYSCLK to output high impedance
tPCKHOZ
—
14
ns
2, 4, 11
Input setup to SYSCLK
tPCIVKH
3.0
—
ns
2, 5, 10
Input hold from SYSCLK
tPCIXKH
0
—
ns
2, 5, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com