Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
97
HDLC, BISYNC, Transparent and Synchronous UART
Figure 65 provides the AC test load.
Figure 65. AC Test Load
Outputs—Internal clock High Impedance
tHIKHOX
05.5
ns
Outputs—External clock High Impedance
tHEKHOX
18
ns
Inputs—Internal clock input setup time
tHIIVKH
6—
ns
Inputs—External clock input setup time
tHEIVKH
4—
ns
Inputs—Internal clock input Hold time
tHIIXKH
0—
ns
Inputs—External clock input hold time
tHEIXKH
1—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tHIKHOX symbolizes the outputs internal timing (HI) for the time tserial memory clock reference (K) goes from the
high state (H) until outputs (O) are invalid (X).
Table 77. Synchronous UART AC Timing Specifications
Characteristic
Symbol 2
Min
Max
Unit
Outputs—Internal clock delay
tHIKHOV
011
ns
Outputs—External clock delay
tHEKHOV
114
ns
Outputs—Internal clock High Impedance
tHIKHOX
011
ns
Outputs—External clock High Impedance
tHEKHOX
114
ns
Inputs—Internal clock input setup time
tHIIVKH
6—
ns
Inputs—External clock input setup time
tHEIVKH
8—
ns
Inputs—Internal clock input Hold time
tHIIXKH
0—
ns
Inputs—External clock input hold time
tHEIXKH
1—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tHIKHOX symbolizes the outputs internal timing (HI) for the time tserial memory clock reference (K) goes from the
high state (H) until outputs (O) are invalid (X).
Table 76. HDLC, BiSync, Transparent AC Timing Specifications 1 (continued)
Characteristic
Symbol 2
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com