Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PPC8567ECVTANGGA Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
2
Freescale Semiconductor
MPC8568E Overview
1
MPC8568E Overview
This section provides a high-level overview of MPC8568E features. Figure 1 shows the major functional
units within the MPC8568E.
Figure 1. MPC8568E Block Diagram
Core Complex
x4/x2/x1 PCI Express
4x/1x RapidIO and/or
66 MHz
PCI 32-bit
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
Serial
IRQs
SDRAM
DDR
Flash
SDRAM
Bus
I2C
I2C Controller
eTSEC
32-bit PCI Bus Interface
e500
Coherency
Module
DDR/DDR2/
Memory Controller
Local Bus Controller
Programmable Interrupt
Controller (PIC)
DUART
e500 Core
512-Kbyte
L2 Cache/
SRAM
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
OceaN
Switch
Fabric
Serial RapidIO
and/or
PCI Express
4-Channel DMA
Controller
RMII
MPC8568
Security
Engine
XOR
Engine
I2C
I2C Controller
Table Lookup Unit
Baud Rate
Generators
Multi-User
RAM
Parallel I/O
Accelerators
Dual 32-bit RISC CP
Serial DMA
&
2 Virtual
DMAs
Serial Interface
QUICC Engine™
Time Slot Assigner
3 GMII/
2 RGMII/TBI/RTBI
8 MII/
RMII
8 TDM Ports
2 UL2/POS
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII
ZBT RAM
or x8 PCI Express



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com