Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
99
Package and Pinout
22 Package and Pinout
This section details package parameters, pin assignments, and dimensions.
22.1
Package Parameters for the MPC8568E FC-PBGA
The package parameters are as provided in the following list. The package type is 33mm
× 33mm, 1023
flip chip plastic ball grid array (FC-PBGA).
Package outline
33 mm
× 33 mm
Interconnects
1023
Pitch
1 mm
Module height
2.23 – 2.75 mm
Solder Balls
96.5% Sn 3.5% Ag
Ball diameter (typical)
0.6 mm
22.2
Mechanical Dimensions of the MPC8568E FC-PBGA
Figure 68 shows the top view, bottom and side view of the MPC8568E 1023 FC-PBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com