Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
56
Freescale Semiconductor
I
2C
Figure 33 provides the boundary-scan timing diagram.
Figure 33. Boundary-Scan Timing Diagram
11 I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the MPC8568E.
Note that I2C2 is multiplexed with QE Port C.
PC[18]
IIC2_SCL
PC[19]
IIC2_SDA
11.1
I2C DC Electrical Characteristics
Table 46 provides the DC electrical characteristics for the I2C interfaces.
Table 46. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OVDD
V—
Low level output voltage
VOL
00.4
V
1
Pulse width of spikes which must be suppressed by the input filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is between 0.1
× OVDD and
0.9
× OVDD(max)
II
–10
10
μA3
VM = Midpoint Voltage (OVDD/2)
VM
VM
tJTDVKH
tJTDXKH
Boundary
Data Outputs
Boundary
Data Outputs
JTAG
External Clock
Boundary
Data Inputs
Output Data Valid
tJTKLDX
tJTKLDZ
tJTKLDV
Input
Data Valid
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com