Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
6
Freescale Semiconductor
MPC8568E Overview
•
TCP/IP acceleration and QoS features:
— IP v4 and IP v6 header recognition on receive
— IP v4 header checksum verification and generation
— TCP and UDP checksum verification and generation
— Per-packet configurable acceleration
— Recognition of VLAN, stacked (queue in queue) VLAN, 802.2, PPPoE session, MPLS stacks,
and ESP/AH IP-security headers
— Supported in all FIFO modes
— Transmission from up to eight physical queues
— Reception to up to eight physical queues
•
Full- and half-duplex Ethernet support (1000 Mbps supports only full duplex):
— IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
•
IEEE Std 802.1™ virtual local area network (VLAN) tags and priority
•
VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
•
Programmable Ethernet preamble insertion and extraction of up to 7 bytes
•
MAC address recognition
•
Ability to force allocation of header information and buffer descriptors into L2 cache
1.2.6
DDR SDRAM Controller
The MPC8568E supports DDR SDRAM and DDR2 SDRAM. The memory interface controls main
memory accesses and provides for a maximum of 16 Gbytes of main memory.
The MPC8568E supports a variety of SDRAM configurations. SDRAM banks can be built using DIMMs
or directly-attached memory devices. Sixteen multiplexed address signals provide for device densities of
64 Mbits, 128 Mbits, 256 Mbits, 512 Mbits, 1 Gbits, 2 Gbits and 4 Gbits. Four chip select signals support
Table 1. Supported eTSEC1 and eTSEC2 Configurations1
1 Both interfaces must use the same voltage (2.5 or 3.3 V).
Mode Option
eTSEC1
eTSEC2
Ethernet standard interfaces
TBI, GMII, or MII
TBI, GMII, or MII
Ethernet reduced interfaces
RTBI, RGMII, or RMII
RTBI, RGMII, or RMII
FIFO and mixed interfaces
8-bit FIFO
TBI, GMII, MII, RTBI, RGMII, RMII,
or 8-bit FIFO
TBI, GMII, MII, RTBI, RGMII, RMII,
or 8-bit FIFO
8-bit FIFO
16-bit FIFO
Not used/not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com