Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 59Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 60Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
63
High-Speed Serial Interfaces (HSSI)
between 500 mV and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other
phase. The peak differential voltage (VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p)
is 1000 mV p-p.
13.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by
the corresponding SerDes lanes. The SerDes reference clocks inputs are SD_REF_CLK and
SD_REF_CLK.
The following sections describe the SerDes reference clock requirements and some application
information.
13.2.1
SerDes Reference Clock Receiver Characteristics
Figure 40 shows a receiver reference diagram of the SerDes reference clocks.
•
The supply voltage requirements for SCOREVDD and XVDD are specified in Table 2 and Table 3.
•
SerDes Reference Clock Receiver Reference Circuit Structure
— The SD_REF_CLK and SD_REF_CLK are internally AC-coupled differential inputs as shown
in Figure 40. Each differential clock input (SD_REF_CLK or SD_REF_CLK) has a 50-
Ω
termination to SCOREGND followed by on-chip AC-coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. Refer to the
Differential Mode and Single-ended Mode description below for further detailed requirements.
•
The maximum average current requirement that also determines the common mode voltage range
— When the SerDes reference clock differential inputs are DC coupled externally with the clock
driver chip, the maximum average current allowed for each input pin is 8mA. In this case, the
exact common mode input voltage is not critical as long as it is within the range allowed by the
maximum average current of 8 mA (refer to the following bullet for more detail), since the
input is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4V
(0.4V/50 = 8mA) while the minimum common mode input level is 0.1V above SCOREGND.
For example, a clock with a 50/50 duty cycle can be produced by a clock driver with output
driven by its current source from 0mA to 16mA (0-0.8V), such that each phase of the
differential input has a single-ended swing from 0V to 800mV with the common mode voltage
at 400mV.
— If the device driving the SD_REF_CLK and SD_REF_CLK inputs cannot drive 50 ohms to
SCOREGND DC, or it exceeds the maximum input current limitations, then it must be
AC-coupled off-chip.
•
The input amplitude requirement
— This requirement is described in detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com