Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 125Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 126Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 127Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 128Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 129Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
127
Thermal
Millennium Electronics offer different heat sink-to-ambient thermal resistances, that will allow the
MPC8568E to function in various environments.
24.2.1
Recommended Thermal Model
For system thermal modeling, the MPC8568E thermal model without a lid is shown in Figure 70. The
substrate is modeled as a block 33x33x1.18 mm with an in-plane conductivity of 24 W/mK and a
through-plane conductivity of 0.92 W/mK. The solder balls and air are modeled as a single block
33x33x0.58 mm with an in-plane conductivity of 0.034 W/mK and a through plane conductivity of 12.2
W/mK. The die is modeled as 8.2x12.1 mm with a thickness of 0.75 mm. The bump/underfill layer is
modeled as a collapsed thermal resistance between the die and substrate assuming a conductivity of 5.3
W/m•K in the thickness dimension of 0.07 mm. The die is centered on the substrate. The thermal model
uses approximate dimensions to reduce grid. See the case outline for actual dimensions.
Figure 70. MPC8568E Thermal Model
24.2.2
Internal Package Conduction Resistance
For the packaging technology, shown in Table 87, the intrinsic internal conduction thermal resistance paths
are as follows:
•
The die junction-to-case thermal resistance
Heat Source
Substrate
Top View of Model (Not to Scale)
x
y
Conductivity
Value
Unit
Die
(8.2
× 12.1 × 0.75mm)
Silicon
Temperature
dependent
W/(m
× K)
Bump/Underfill
(8.2
× 12.1 × 0.75 mm)
Collapsed Resistance
kz
5.3
Substrate
(33
× 33× 1.18 mm)
kx
24
ky
24
kz
0.92
Soldera and Air
(33
× 33 × 0.58 mm)
kx
0.034
ky
0.034
kz
12.2
substrate
solder/air
die
Bump/Underfill
Side View of Model (Not to scale)
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com