Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGGA Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 138Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 139Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 137 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
137
Ordering Information
26.1
Part Marking
Parts are marked as the example shown in Figure 76.
Figure 76. Part Marking for FC-PBGA Device
26.2
Part Number Decoder
Figure 77 shows the MPC8568E/MPC8567E number decoder.
Figure 77. MPC8568E Part Number Decoder
Notes:
MMMMM is the mask code
CCCC is the contry code for assembly.
FC-PBGA
MPC856Xxxxxxx is the orderable part number
MPC856Xxxxxxx
ATWLYYWW
MMMMM CCCCC
ATWLYYWW is the freescale assembly, year and workweek code
YWWLAZ
YWWLAZ is the trace code for assembly.
MPC 856x E C VT ANG J A
Product Code
Device Number
Blank: 0 - 105C
C:
-45(Ta) - 105C
QE Speed
DDR speed
CPU Speed
Package
VT: Lead Free
Security
Blank: No Security
E: With Security
Temperature
G: 400
J: 533
AN: 800
AQ: 1000
AU: 1333
G: 400
J: 533
Die revision
PPC:
Prototype
KMPC: Sample
MPC:
Qualified
8568, 8567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com