Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 29 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 29 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 25Page - CML Microcircuits FX828 Datasheet HTML 26Page - CML Microcircuits FX828 Datasheet HTML 27Page - CML Microcircuits FX828 Datasheet HTML 28Page - CML Microcircuits FX828 Datasheet HTML 29Page - CML Microcircuits FX828 Datasheet HTML 30Page - CML Microcircuits FX828 Datasheet HTML 31Page - CML Microcircuits FX828 Datasheet HTML 32Page - CML Microcircuits FX828 Datasheet HTML 33Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
29
D/828/4
Notes
Min.
Typ.
Max.
Units
CTCSS Detector - Fast Detect
Sensitivity
(Pure CTCSS Tone)
5
-
-26.0
-
dB
Response Time
(Composite Signal)
-
56.0
-
ms
Frequency Range
60.0
-
253
Hz
CTCSS Detector - Fast Predictive
Sensitivity
(Pure CTCSS Tone)
5
-
-26.0
-
dB
Response Time
(Composite Signal)
7
-
37.0
-
ms
Frequency Range
60.0
-
253
Hz
Decode Bandwidth
-
40.0
-
Hz
CTCSS Encoder
Frequency Range
60.0
-
253
Hz
Tone Frequency Resolution
-
-
0.2
%
Tone Amplitude Tolerance
1
-1.0
-
+1.0
dB
Total Harmonic Distortion
9
-
2.0
-
%
SELCALL Encoder
Frequency Range
208
-
3000
Hz
Tone Frequency Resolution
-
-
0.2
%
Tone Amplitude Tolerance
1
-1.0
-
+1.0
dB
Total Harmonic Distortion
9
-
2.0
-
%
DCS Encoder
Bit Rate
-
134.4
-
bits/s
Amplitude Tolerance
1
-1.0
-
+1.0
dB
Amplitude
1
871
mVp-p
Audio Band-Pass Filter
Passband
8
300
-
3000
Hz
Passband Gain (at 1.0kHz)
8
-
0
-
dB
Passband Ripple (w.r.t. gain at 1.0kHz)
8
-2
-
+0.5
dB
Stopband Attenuation
8
33.0
-
-
dB
Residual Hum and Noise
-
-50.0
-
dBp
Alias Frequency
-
63
-
kHz
Output Impedances
TX AUDIO OUT, TX SUB AUDIO
) Enabled
10
-
2.0
-
k
Ω
OUT and RX AUDIO OUT
) Disabled
-
500
-
k
Ω
Rx Amp and Summing Amp
Open Loop Gain
(I/P = 1mV at 100Hz)
-
70.0
-
dB
Unity Gain Bandwidth
-
5.0
-
MHz
Input Impedance
(at 100Hz)
10
-
-
M
Ω
Output Impedance
(Open Loop)
-
6.0
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com