Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 32 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 32 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 26Page - CML Microcircuits FX828 Datasheet HTML 27Page - CML Microcircuits FX828 Datasheet HTML 28Page - CML Microcircuits FX828 Datasheet HTML 29Page - CML Microcircuits FX828 Datasheet HTML 30Page - CML Microcircuits FX828 Datasheet HTML 31Page - CML Microcircuits FX828 Datasheet HTML 32Page - CML Microcircuits FX828 Datasheet HTML 33Page - CML Microcircuits FX828 Datasheet HTML 34Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
32
D/828/4
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz, VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Parameter
Notes
Min.
Typ.
Max.
Units
tCSE
"CS-Enable to Clock-High"
2.0
-
µs
tCSH
Last "Clock-High to CS-High"
4.0
-
µs
tHIZ
"CS-High to Reply Output 3-state"
-
2.0
µs
tCSOFF
"CS-High" Time between transactions
2.0
-
µs
tNXT
"Inter-Byte" Time
4.0
-
µs
tCK
"Clock-Cycle" time
2.0
-
µs
Notes:
1.
Depending on the command, 1 or 2 bytes of COMMAND DATA are transmitted to the
peripheral MSB (Bit 7) first, LSB (Bit 0) last. REPLY DATA is read from the peripheral MSB
(Bit 7) first, LSB (Bit 0) last.
2.
Data is clocked into and out of the peripheral on the rising SERIAL CLOCK edge.
3.
Loaded commands are acted upon at the end of each command.
4.
To allow for differing µController serial interface formats "C-BUS" compatible ICs are able
to work with either polarity SERIAL CLOCK pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com