Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 3Page - CML Microcircuits FX828 Datasheet HTML 4Page - CML Microcircuits FX828 Datasheet HTML 5Page - CML Microcircuits FX828 Datasheet HTML 6Page - CML Microcircuits FX828 Datasheet HTML 7Page - CML Microcircuits FX828 Datasheet HTML 8Page - CML Microcircuits FX828 Datasheet HTML 9Page - CML Microcircuits FX828 Datasheet HTML 10Page - CML Microcircuits FX828 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
7
D/828/4
1.5
General Description
The FX828 is a signalling encoder/decoder for use in land mobile radio equipment, see Figure 1.
The transmitter section of this device has independently controllable tone generators for sub-
audio (CTCSS) and inband (Selcall) signalling. It also features a DCS code generator, which may
be used in place of the CTCSS tone generator.
The receiver section of the FX828 has a fast/predictive CTCSS tone detector which operates in
parallel with a DCS decoder and a CTCSS/Selcall tone decoder. The latter is switchable to
perform either CTCSS or Selcall tone decoding of a user-programmable set of up to 15 tones. In
the CTCSS mode it performs a more accurate (but slower) analysis of the tones detected by the
fast/predictive CTCSS tone detector, which is a single detector that is switchable to provide either
a fast response to any CTCSS tone (FAST DETECT mode) or a fast response to a single user-
programmed CTCSS tone (PREDICTIVE mode).
Other functions on the FX828 are a comparator with programmable threshold level, a general
purpose timer and a summing amplifier with two adjustable gain blocks, which may be used for
two point modulation, for example. All FX828 functions are controlled by an external µC over the
C-BUS interface, a serial interface designed to reduce interference levels in radio equipment.
1.5.1
Software Description
Address/Commands
Instructions and data are transferred, via "C-BUS", in accordance with the timing information
given in Figure 4.
Instruction and data transactions to and from the FX828 consist of an Address/Command (A/C)
byte followed by either:
(i)
a further instruction or data (1 or 2 bytes) or
(ii)
a status or Rx data reply (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com