Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 13Page - CML Microcircuits FX828 Datasheet HTML 14Page - CML Microcircuits FX828 Datasheet HTML 15Page - CML Microcircuits FX828 Datasheet HTML 16Page - CML Microcircuits FX828 Datasheet HTML 17Page - CML Microcircuits FX828 Datasheet HTML 18Page - CML Microcircuits FX828 Datasheet HTML 19Page - CML Microcircuits FX828 Datasheet HTML 20Page - CML Microcircuits FX828 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
17
D/828/4
TONE DECODE means that a tone has been decoded and its characteristics
are defined by the bandwidth (See SIGNALLING SET-UP Register bits 7, 6, 5
and 4) and the RX TONE number (See SELCALL and SUB-AUDIO STATUS
Register bits 3, 2, 1 and 0).
When Bit 6 in the SIGNALLING CONTROL Register is set to "0" the TONE
DECODE bit 4 will be set to "0".
Identification of a valid tone which is not in the pre-programmed list of up to 15
tones will cause the decoder to move to the TONE DECODE state with the RX
TONE address of "1111" in bits 3, 2, 1 and 0; indicating a valid, but
unrecognised, tone. Loss of tone, will cause the NOTONE timer to be started.
If loss of tone continues for the duration of the timeout period, then the decoder
will move to NOTONE state and the identification of pre-programmed tones will
start again. The time-out period is not user-adjustable.
RX TONE
(Bits 3, 2, 1 and 0)
These four bits hold a Hex number from $0 to $F. Numbers $0 to $E represent
the address of the tone decoded according to the tones programmed in the RX
TONE PROGRAM Register, $84.
The Hex number $F indicates the presence
of any tone that is not described by DECODER BANDWIDTH (Bits 7, 6, 5 and 4,
SIGNALLING SET-UP Register, $82) and FREQUENCY (Bits 11 - 0, RX TONE
PROGRAM Register, $84).
IRQ FLAG Register (Hex address $8F)
This register is used to indicate when the device requires attention as below:
(Bits 7 and 1)
Reserved for future use. These will be set to "0" but should be ignored by user's
software.
GPT IRQ FLAG
(Bit 6)
When the general purpose timer has reached zero in its internal register, this bit
will be set to "1" to indicate the timeout has expired. This bit is cleared to "0" by
a read of the IRQ FLAG Register (Hex address $8F).
COMP 0 to 1
IRQ FLAG
(Bit 5)
When the comparator output goes from "0" to "1" (i.e. when the input voltage is
above the DAC output voltage) this bit will be set to "1" and an interrupt
generated (if bit 5 of the IRQ MASK Register $8E is set to "1"). This bit is set to
"0" when the IRQ FLAG Register $8F is read.
COMP 1 to 0
IRQ FLAG
(Bit 4)
When the comparator output goes from "1" to "0" this bit will be set to "1" and an
interrupt generated (if bit 4 of the IRQ MASK Register $8E is set to "1"). This bit
is set to "0" when the IRQ FLAG Register $8F is read.
TONE IRQ FLAG
(Bit 3)
When RX TONE DECODE (Bit 4, SELCALL and SUB-AUDIO STATUS
Register, $81) or Rx TONE (the decoded 4 bit tone address in Register $81)
changes state this bit will be set to "1". This bit is cleared to "0" by a read of the
IRQ FLAG Register (Hex address $8F).
CTCSS FAST IRQ
FLAG
(Bit 2)
When CTCSS FAST TONE (Bit 6, SELCALL and SUB-AUDIO STATUS
Register, $81) changes state this bit will be set to "1". This bit is cleared to "0"
by a read of the IRQ FLAG Register (Hex address $8F).
DCS IRQ FLAG
(Bit 0)
When DCS DECODE/NO DECODE (Bit 7 SELCALL and SUB-AUDIO STATUS
Register, $81) changes state this bit will be set to "1". This bit is cleared to "0"
by a read of the IRQ FLAG Register (Hex address $8F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com