Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 16Page - CML Microcircuits FX828 Datasheet HTML 17Page - CML Microcircuits FX828 Datasheet HTML 18Page - CML Microcircuits FX828 Datasheet HTML 19Page - CML Microcircuits FX828 Datasheet HTML 20Page - CML Microcircuits FX828 Datasheet HTML 21Page - CML Microcircuits FX828 Datasheet HTML 22Page - CML Microcircuits FX828 Datasheet HTML 23Page - CML Microcircuits FX828 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
20
D/828/4
1.6
Application Notes
1.6.1
General
The FX828 is intended for use in radio systems where signalling is required for functions such as
trunking, control, selective calling or group calling.
The CTCSS fast/predictive detector is useful for the detection of occupied channels indicating either the
presence of any sub-audio tone, or range of tones, depending if it is set in fast detect or predictive mode.
This will increase the efficiency of scanning and trunking systems, reducing the average time allocated to
assessing each channel.
The facility to decode any of up to 15 programmed tones allows the use of tones for various signalling
functions such as masking a free channel or identifying sub groups within a user's groups.
Adjustable decoder bandwidths permit certainty and signal to noise performance to be traded when
congestion or range limits the system performance.
1.6.2
Transmitters
The CTCSS transmitter is enabled with Bit 7 in the SIGNALLING CONTROL Register ($80) and bit 1 in
the SIGNALLING SET UP Register ($82).
The Tx frequency is set using Bit 0 to Bit 12 in the CTCSS TX/FAST RX FREQUENCY Register ($83)
using the formula below:
A
f
(Hz)
16 x f
(Hz)
XTAL
TONE
=
where A is the binary number programmed into the 13 bits.
When Bit 7 (in the first 8 bits) is set to "1" the tone output is set at VBIAS or NOTONE without regard to the
number "A" programmed. When Bit 7 is "0" the programmed tone is set on the output. Programming the
bits 0 to 12 to "0" puts the Tx into powersave and the output goes to VBIAS. Powersave is also achieved
by disabling the SUBAUDIO Tx and the CTCSS FAST DETECT (Bits 7 and 5 in the SIGNALLING
CONTROL Register $80).
The SELCALL transmitter is enabled with Bit 2 in the SIGNALLING CONTROL Register ($80).
The Tx frequency is set using Bit 0 to Bit 12 in the SELCALL TX Register ($8D) using the formula below:
A
f
(Hz)
4 x f
(Hz)
XTAL
TONE
=
where A is the binary number programmed into the 13 bits.
When Bit 7 (in the first 8 bits) is set to "1" the tone output is set at VBIAS or NOTONE without regard to the
number "A" programmed. When Bit 7 is "0" the programmed tone is set on the output. Programming the
bits 0 to 12 to "0" puts the Selcall Tx into powersave and the output goes to VBIAS. Powersave is also
achieved by disabling the SELCALL TX ENABLE (Bit 2 in the SIGNALLING CONTROL Register $80).
The DCS transmitter is enabled by setting Bit 7 to "1" in the SIGNALLING CONTROL Register ($80)
having already set Bit 1 to "1" in the SIGNALLING SET UP Register ($82).
Note that Bit 0 of this
SIGNALLING SET UP Register is used to select either 23-bit or 24-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com