Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 1 Page - CML Microcircuits

  FX828 Datasheet HTML 1Page - CML Microcircuits FX828 Datasheet HTML 2Page - CML Microcircuits FX828 Datasheet HTML 3Page - CML Microcircuits FX828 Datasheet HTML 4Page - CML Microcircuits FX828 Datasheet HTML 5Page - CML Microcircuits FX828 Datasheet HTML 6Page - CML Microcircuits FX828 Datasheet HTML 7Page - CML Microcircuits FX828 Datasheet HTML 8Page - CML Microcircuits FX828 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CML Semiconductor Products
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
D/828/4 August 2009
1.0
Features
Provisional Issue
• Fast CTCSS Detection
• Programmable Tone Decoder
• Full 23/24 Bit DCS Codec
• Programmable Comparator for RSSI
• Non-Predictive Tone Detection
• Programmable Modulator Drivers
• Low Power 3.3V/5V Operation
• Programmable Tone Encoders
• Variable Gain Audio Filter
• Full Duplex CTCSS and Selcall
1.1
Brief Description
The FX828 is an innovative CTCSS, DCS and Selcall Codec, designed for the latest generation of Land
Mobile Radio equipment. Designed to complement the FX829, the FX828 has many advanced features
which assist the operation of modern SUBAUDIO and INBAND based signalling systems. The FX828 is
electrically, physically and software compatible with the FX818 and FX829. It permits manufacturers to
add new features to their equipment with minimal design changes.
The FX828 incorporates a programmable tone decoder which can be set to respond to between 1 and 15
CTCSS or Selcall tones with minimum software intervention. In addition, a 'Fast' CTCSS detector can
respond to a single programmed tone in 60 ms, or can be used to provide an output if any CTCSS tone is
present at the detector input. Two high resolution tone encoders perform accurate generation of any
CTCSS or Selcall tone in current use. Full 23 or 24 bit DCS encoding and decoding complements the
CTCSS/Selcall line-up.
A timer is included which, for example, may be used for timing Selcall
transmissions and a comparator is provided to assist with carrier or RSSI monitoring. The device can
operate full duplex in all operating modes except for DCS.
The FX828 along with the FX818 and FX829 is offered in a choice of small SSOP, DIL and SOIC 24-pin
packages. It may be used with 3.0 to 5.5 volt supply.


Similar Part No. - FX828

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX826DW CMLMICRO-FX826DW Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX826J CMLMICRO-FX826J Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX829 CMLMICRO-FX829 Datasheet
521Kb / 34P
Baseband Signal Processor
FX829D2 CMLMICRO-FX829D2 Datasheet
521Kb / 34P
Baseband Signal Processor
More results

Similar Description - FX828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
logo
Asahi Kasei Microsystem...
AK2345 AKM-AK2345 Datasheet
1Mb / 27P
CTCSS(Continuous Tone Controlled Squelch System
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
Non-Predictive Selcall Module
DB1065 CMLMICRO-DB1065 Datasheet
552Kb / 23P
CTCSS Encoder / Decoder Development Kit
FX203 CMLMICRO-FX203 Datasheet
272Kb / 8P
Selcall Tone Codec with Microprocessor Interface
FX335 CMLMICRO-FX335 Datasheet
380Kb / 8P
CTCSS ENCODER / DECODER
FX365 CMLMICRO-FX365 Datasheet
292Kb / 8P
COMPATIBLE CTCSS ENCODER / DECODER
FX818 CMLMICRO-FX818 Datasheet
672Kb / 26P
CTCSS SIGNALLING PROCESSOR
MX325 CMLMICRO-MX325 Datasheet
320Kb / 7P
CTCSS ENCODER / DECODER
MX335 CMLMICRO-MX335 Datasheet
440Kb / 9P
CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com