Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 10Page - CML Microcircuits FX828 Datasheet HTML 11Page - CML Microcircuits FX828 Datasheet HTML 12Page - CML Microcircuits FX828 Datasheet HTML 13Page - CML Microcircuits FX828 Datasheet HTML 14Page - CML Microcircuits FX828 Datasheet HTML 15Page - CML Microcircuits FX828 Datasheet HTML 16Page - CML Microcircuits FX828 Datasheet HTML 17Page - CML Microcircuits FX828 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
14
D/828/4
When Bit 7 in byte (1) is set to "1" the tone output is set at VBIAS or NOTONE without regard to the
number "A" programmed. When Bit 7 is "0" the programmed tone is set on the output. Programming the
bits 0 to 12 to "0" puts the Tx into powersave and the output goes to VBIAS. Powersave is also achieved
by disabling the SUBAUDIO Tx and the CTCSS FAST DETECT.
RX TONE PROGRAM Register (Hex address $84)
This is a 16-bit register. Byte (1) is sent first. The two bytes are used to program the centre frequencies of
up to 15 tones in either the audio or sub-audio band that will be decoded by the receiver.
Each tone is identified by its address in bits 7, 6, 5 and 4 of byte (1). The remaining 12 bits contain the
data representing the tone frequency according to the formula below. If a tone is not required the 12 bits
should be set to zero.
Byte 1
Byte 2
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0
0
0
0
<------------------------ N ----------------------->
<----------------------- R ------------------------>
0
0
0
1
0
0
1
0
N is the binary representation of the
R is the nearest 6-bit binary
0
0
1
1
following decimal number (n):
representation of (r), where:
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
SUBAUDIO (CTCSS)
SUBAUDIO (CTCSS)
1
0
0
0
n = INT (948982 x fTONE / fXTAL)
r = ((237245/fXTAL) - (n/(4 x fTONE))) x 8400
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
INBAND (SELCALL)
INBAND (SELCALL)
1
1
0
1
n = INT (83036 x fTONE / fXTAL)
r = ((20759/fXTAL) - (n/(4 x fTONE))) x 96000
1
1
1
0
Example: To program 100Hz when using the recommended 4.032MHz Xtal in SUBAUDIO
(CTCSS) mode.
n =
INT (948982 x 100 / 4.032 x 10^6)
=
INT (23.536) = 23
N =
010111 (binary)
r
=
((237245 / 4.032 x 10^6) - (23 / (4 x 100))) x 8400
=
11.26 (round up if exactly halfway)
R =
11
=
001011 (binary)
Thus the 12-bit code is 010111001011
The Hex address represented by bits 7, 6, 5 and 4 in byte (1) is used as the code to indicate which tone
has been decoded. This code appears in bits 3, 2, 1 and 0 of the SELCALL and SUB-AUDIO STATUS
Register (Hex address $81). The 15 programmed tones use Hex addresses $0 - $E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com