Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 4Page - CML Microcircuits FX828 Datasheet HTML 5Page - CML Microcircuits FX828 Datasheet HTML 6Page - CML Microcircuits FX828 Datasheet HTML 7Page - CML Microcircuits FX828 Datasheet HTML 8Page - CML Microcircuits FX828 Datasheet HTML 9Page - CML Microcircuits FX828 Datasheet HTML 10Page - CML Microcircuits FX828 Datasheet HTML 11Page - CML Microcircuits FX828 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
8
D/828/4
8-bit Write Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$01
GENERAL
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RESET
SUBAUDIO
TONE
FAST
SELCALL
DCS
$80
SIGNALLING
TX
DECODER
DETECT
TX
RX
CONTROL
ENABLE
ENABLE
ENABLE
0
0
ENABLE
0
ENABLE
TONE DECODER BANDWIDTH
FAST CTCSS
$82
SIGNALLING
MSB
LSB
MODE
TONE
SUBAUDIO
DCS
SET-UP
BIT 3
BIT 2
BIT 1
BIT 0
DETECT/
PREDICTIVE
DECODER
MODE
TX MODE
23/24
DCS BYTE 3
$85
DCS
OPTIONAL
MSB
BYTE 3
BIT 23
BIT 22
BIT 21
BIT 20
BIT 19
BIT 18
BIT 17
BIT 16
DCS BYTE 2
$86
DCS
BYTE 2
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
DCS BYTE 1
$87
DCS
LSB
BYTE 1
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BPF
MSB
LSB
$88
GENERAL
BPF
BPF
6dB
DAC
DAC
DAC
GP TIMER
GP TIMER
CONTROL
ENABLE
UN-MUTE
PAD
BIT 2
BIT 1
BIT 0
ENABLE
RE-CYCLE
GENERAL
GENERAL PURPOSE TIMER
$8B
PURPOSE
MSB
LSB
TIMER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GP TIMER
COMP
COMP
TONE
CTCSS
DCS
$8E
IRQ
0
IRQ
0 to 1
1 to 0
IRQ
FAST IRQ
0
IRQ
MASK
MASK
IRQ MASK
IRQ MASK
MASK
MASK
MASK
$9C
Reserved for later use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com