Electronic Components Datasheet Search
  English  ▼

X  

FX828 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 7Page - CML Microcircuits FX828 Datasheet HTML 8Page - CML Microcircuits FX828 Datasheet HTML 9Page - CML Microcircuits FX828 Datasheet HTML 10Page - CML Microcircuits FX828 Datasheet HTML 11Page - CML Microcircuits FX828 Datasheet HTML 12Page - CML Microcircuits FX828 Datasheet HTML 13Page - CML Microcircuits FX828 Datasheet HTML 14Page - CML Microcircuits FX828 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
11
D/828/4
SIGNALLING SET-UP Register (Hex address $82)
This register is used to define the signalling parameters, as described below:
TONE DECODER
BANDWIDTH
(Bits 7, 6, 5 and 4)
These four bits set the bandwidth of the CTCSS/Selcall tone decoder according
to the table below:
BANDWIDTH
Bit 7
Bit 6
Bit 5
Bit 4
Will Decode
Will Not Decode
Recommended for CTCSS
1
0
0
0
±1.1%
±2.4%
Recommended for CCIR
1
0
0
1
±1.3%
±2.7%
1
0
1
0
±1.6%
±2.9%
1
0
1
1
±1.8%
±3.2%
1
1
0
0
±2.0%
±3.5%
1
1
0
1
±2.2%
±3.7%
Recommended for ZVEI
1
1
1
0
±2.5%
±4.0%
1
1
1
1
±2.7%
±4.2%
FAST CTCSS MODE
(Bit 3)
When CTCSS FAST DETECT ENABLE (Bit 5 SIGNALLING CONTROL
Register, $80) is "1", this bit selects the FAST CTCSS DETECT or the FAST
CTCSS PREDICTIVE mode, according to the table below:
DETECT/
PREDICTIVE
Bit 3
Function
0
DETECT mode
1
PREDICTIVE mode
If the CTCSS FAST DETECT ENABLE bit is "0" then both modes are
deselected.
TONE DECODER
MODE
(Bit 2)
When this bit is "1" the CTCSS/Selcall tone decoder is set to detect inband
(Selcall) tones. When this bit is "0" the tone decoder is set to detect subaudio
(CTCSS) tones.
SUBAUDIO TX MODE
(Bit 1)
When this bit is "1" the subaudio transmitter will be set to transmit DCS signals,
if enabled. When this bit is "0" the subaudio transmitter will be set to transmit
CTCSS signals, if enabled.
DCS 23/24
(Bit 0)
When this bit is "1" the DCS transmitter and decoder are configured for a 23-bit
code. When this bit is "0" they are configured for a 24-bit code.
DCS BYTE 3 Register (Hex address $85)
DCS BYTE 2 Register (Hex address $86)
DCS BYTE 1 Register (Hex address $87)
These three bytes set the code that is transmitted or received in the DCS mode. The LSB bit 0 of the
DCS BYTE 1 is transmitted first and the last bit is the MSB bit 23 of DCS BYTE 3 in the 24-bit mode or bit
22 in the 23-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com